|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ultra Hight Bright Surface Mounting Chip InGaAIP SS Type LED 1.6 0.2 (0.2) 0.8 0.1 Unit: mm Conventional Part No. Global Prat No. Lighting Color LNJ408K84RA ********** LNJ408K84RA ********* Amber LNJ808R88RA ********** LNJ808R88RA ********* Orange 0.8 0.1 1.1 0.1 0.25 0.1 0.9 0.1 s Adsolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Amber 50 20 60 4 -25 +85 -30 +100 Orange 50 20 60 4 -25 +85 -30 +100 IFP. duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec 1 1.0 0.1 1 2 2 1: Anode 2: Cathode s Electro-Optical Characteristics (Ta = 25C) Conventional Lighting IO Lens Color Part No. Color Typ Min LNJ408K84RA Amber Yellow Diffused 10.5 4.0 LNJ808R88RA Orange Red Diffused 6.5 2.5 Unit mcd mcd - - VF IF 10 10 mA Typ 2.0 1.9 V Max 2.3 2.3 V P Typ 595 620 nm Typ 15 17 nm IR IF 10 10 mA Max 100 100 A VR 4 4 V IOIF 30 84 RA IF VF 100 IO Ta Relative Luminous Intensity 500 300 10 Forward Current Luminous Intensity 88R 5 3 J LN A 8R J80 4 K 08 50 30 8K LN 10 5 3 84R A 8R R8 08 J8 LN A LN 1 0.5 0.3 J40 100 50 30 LNJ8 08R88 RA LNJ4 08K8 4RA 0.1 1 3 5 10 30 50 100 300 1 1.6 1.8 2.0 2.2 2.4 10 -20 0 20 40 60 80 100 Forward Current Forward Voltage Ambient Temperature Relative Luminous Intensity Wavelength Characteristics Relative Luminous Intensity 100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80 LNJ808R88RA IF Ta 25 Directive Characteristics 20 10 0 10 20 30 40 50 Forward Current LNJ408K84RA 20 15 10 5 0 0 20 40 60 80 100 Wavelength Relative Luminous Intensity Ambient Temperature 95 |
Price & Availability of LNJ808R88RA |